Part Number Hot Search : 
SA100 Z25A2 3843A RT8239A 01B32AM CY3670 IT130 FCH47N6
Product Description
Full Text Search
 

To Download 2N4913 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2N4913 2N4914 2N4915
DESCRIPTION *With TO-3 package *Complement to type 2N4904/4905/4906 *Low collector saturation voltage APPLICATIONS *For general-purpose switching and power amplifier applications.
PINNING PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL PARAMETER 2N4913 VCBO Collector-base voltage 2N4914 2N4915 2N4913 VCEO Collector-emitter voltage 2N4914 2N4915 VEBO IC IB PD Tj Tstg Emitter-base voltage Collector current Base current Total power dissipation Junction temperature Storage temperature TC=25 Open collector Open base Open emitter CONDITIONS VALUE 40 60 80 40 60 80 5 5 1 87.5 150 -65~200 V A A W V V UNIT
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case VALUE 2.0 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER 2N4913 VCEO(SUS) Collector-emitter sustaining voltage 2N4914 2N4915 VCEsat-1 VCEsat-2 VBE ICEO ICBO ICEV IEBO hFE-1 hFE-2 fT Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency IC=2.5A; IB=0.25A IC=5A ;IB=1A IC=2.5A ; VCE=2V IC=0.2A ;IB=0
2N4913 2N4914 2N4915
SYMBOL
CONDITIONS
MIN 40 60 80
TYP.
MAX
UNIT
V
1.0 1.5 1.4 1.0 1.0 1.0 2.0 1.0 25 7 4 100
V V V mA mA mA mA
VCE=Rated VCEO; IB=0 VCB=Rated VCBO; IE=0 VCE= Rated VCEO; VBE(off)=1.5V TC=150 VEB=5V; IC=0 IC=2.5A ; VCE=2V IC=5A ; VCE=2V IC=1A ; VCE=10V;f=1.0MHz
MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2N4913 2N4914 2N4915
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2N4913

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X